PART |
Description |
Maker |
CPH6519 |
NPN NPN NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier, Driver Applications
|
Sanyo Semicon Device
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
DS1339U-33 DS1339U-33_ DS1339 DS1339C-2 DS1339C-2_ |
I2C Serial Real-Time Clock TRANS NPN BIPOL DUAL 160V SOT363 TRANS NPN DARL 40V SMD SOT-23 TRANSISTOR, NPN, SWITCHING , GENERAL PURPOSE, 3-PIN SOT-23 TRANS NPN 160V 350MW SMD SOT-23
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr http://
|